Part Number Hot Search : 
VICES A1727 LH1514 BDR2G 7702B N7555 TM128 BD48E44
Product Description
Full Text Search
 

To Download RGP10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rgp10a - rgp10m fast recovery rectifiers prv : 50 - 1000 volts io : 1.0 ampere features : * high current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.339 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol rgp 10a rgp 10b rgp 10d rgp 10g rgp 10j rgp 10k rgp 10m unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current 0.375"(9.5mm) lead length ta = 55 c peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 1.0 a v f 1.3 v maximum full load reverse current, full cycle average 0.375",(9.5mm) lead length ta = 55 c maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 150 c i r(h) 200 m a maximum reverse recovery time ( note 1 ) trr 150 250 500 ns typical junction capacitance ( note 2 ) c j 15 pf typical thermal resistance ( note 3 ) r q ja 50 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc ( 3 ) thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, p.c. board mounted. page 1 of 2 rev. 02 : march 25, 2005 i r(av) a a m a 100 rating i f(av) i fsm 30 1.0 do - 41 dimensions in inches and ( millimeters ) 1.00 (25.4) min. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) min. 0.034 (0.86) 0.028 (0.71) * pb / rohs free
rating and characteristic curves ( rgp10a - rgp10m ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 25, 2005 60hz resistive or inductive load 0.375" (9.5mm) lead lengths 0.8 0.6 0.4 0.2 1.0 10 1.0 24 0 30 0 18 12 6 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 8.3 ms single half sine-wave (jedec) method t j = t j max. set time base for 50/100 ns/cm trr + 0.5 0 - 0.25 - 1.0 a 1 oscilloscope ( note 1 ) 1 w 50 w 10 w d.u.t. 50 vdc (approx.) pulse generator ( note 2 ) t j = 25 c


▲Up To Search▲   

 
Price & Availability of RGP10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X